Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way globe valve (ON/OFF)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Type 3321
22 | 26
Visit product website 
6.2. Product assembly
The electromotive linear drive consists of a brush-free DC motor, a gear and a spindle system that transmits the force to the pendu-
lum plate. The integrated control electronics are controlled either via standard signals (digital) or via a fieldbus (digital). It is designed
to provide optimum efficiency. At the same time, it keeps the valve sealed and in position even at the maximum specified medium
pressure in a powerless standstill. An optional energy storage device (SAFEPOS energy-pack) is available for the device. If the supply
voltage fails, it supplies the actuator with the energy required to move the valve into the desired position; this is set in the menu.
The valve position can be changed manually in 2 ways. Either via the electrical manual control or via a mechanical manual control if
no supply voltage is available.
The device can be set and operated via 2 capacitive keys and 4 DIP switches. In addition there is always the possibility to operate
the device via the büS service interface and using the “Bürkert Communicator” software.
The intelligent process valve Type 3321 offers the operator options for process monitoring, valve diagnostics and preventive mainte-
nance. Internal measurements of the operating status are evaluated and issued as warnings or error messages, if necessary. These
indicate, for example, impermissible ambient and process conditions, functional deviations of components or the status of the energy
storage device.
AG2
Do not unscrew pressure
compensation element!
Electrical connections
(circular plug-in connector or
cable gland)
Body connection (with wrench connection)
Port connection
Globe valve body
Relief bore
FE functional ground
Blind cover with
status indicator and bayonet catch
Actuator housing
Actuator cover
Transparent window with
position indicator
Actuator base
Numbers for indicating the
direction of the flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com