Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 34 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 34 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Type büS
büS networks with maximum
network expansion
34
13
büS NETWORKS WITH MAXIMUM NETWORK
EXPANSION
Networks with varying devices, cable lengths, baud rates and topologies are tested.
The networks shown here should only serve as examples of what is possible and are intended as a refer-
ence point for your own setup. For large networks close to the limit or even above, it always makes sense
to check the network quality.
13.1
Line topology
For the baud rates 500 kbit/s, 250 kbit/s and 125 kbit/s the maximum cable length and the maximum num-
ber of devices have been determined.
13.1.1
500 kbit/s
Communication of the entire büS network worked with up to 84 devices and 1 büS stick. The total cable
length was 75 metres.
23 Devices
10 m
3 m
5 m
TR
Termination resistor
Diagnostics
TR
PS
Power supply
PS
PS
Measurement
point
MP
21 Devices
8 Devices
9 Devices
5 m
11 Devices
10 m
3 Devices
4 Devices
5 Devices
10 m
10 m
TR
MP
MP
*25 m additional cable length for wiring the devices
Fig. 36: 500 kbit/s, 84 devices, cable length 75 m
Measurements with a maximum cable length of 100 metres was possible with 44 devices and 1 büS stick.
A length of 100 metres is defined as the limit in the CANopen specification.
6 Devices
10 m
3 m
10 m
TR
Termination resistor
Diagnostics
TR
PS
Power supply
PS
PS
Measurement
point
MP
9 Devices
9 Devices
25 m
11 Devices
20 m
4 Devices
5 Devices
10 m
TR
MP
MP
*25 m additional cable length for wiring the devices
Fig. 37: 500 kbit/s, 44 devices, cable length 100 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com