Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 26 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 26 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Type büS
büS network shielding
26
11
11.1
büS NETWORK SHIELDING
Shielding of EDIP devices
Detailed shielding information for each device can be found in pin assignment of technical data sheet and
operating instructions. There are three types of device-internal shieldings:
Direct: Direct connection of shield to FE
Device
(Direct)
büS cable shield
Functional earth (FE)
RC: Parallel connection of resistor and capacitor to
FE
Device
(RC)
büS cable shield
Functional earth (FE)
None: No shield connection
Device
(None)
büS cable shield
Shield end
is floating!
Device has no
functional earth (FE)
to connect!
Tab. 6: büS network shielding
11.2
Comparison of shieldings
Shielding
Reasons for/when using
Restrictions for installation or disadvant-
ages
DIRECT
Connection of
shield to FE
▪ Best shielding effect
▪ Metal housing (e.g. stainless steel for
“clean design”)
Equipotential FE grounding system in
plant is mandatory.
RC
Parallel connection
of resistor and ca-
pacitor to FE
▪ Second best shielding effect
▪ Also practicable when FE quality is
poor
▪ Recommended shielding for safety
applications to prevent compensation
currents
Shielding effect may not be sufficient in
very rough H-field emitting environments.
NONE
No FE on device available (e.g. due to
customer requirement)
To have any shielding effect, cable shield
must always led near by device with no
significant stiches (stubs). The shielding
is carried out on subsequent or adjacent
devices.
Tab. 7: Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com