Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Type büS
Getting to know the büS topologies
14
5
GETTING TO KNOW THE BÜS TOPOLOGIES
5.1
What is a bus topology and why do you need it?
The arrangement of different devices on the bus defines the topology. Different topologies influence the
quality of communication and certain topologies are, therefore, recommended to achieve a good network
design.
5.2
Common terms of bus topology
5.2.1
Trunk line
A trunk line is the main part of a CANopen cabling solution. All devices and junction boxes are connected to
it.
5.2.2
Stub line
A stub line is a branch of the trunk line and allows connection to a device that is not located close to the
trunk line. The use of stub lines must be avoided as much as possible. However, there are several limita-
tions depending on the baud rate of the network.
5.2.3
Overview of cable lengths
Overview of maximum cable lengths in the CANopen specification:
Baud rate
max. trunk length
max. stub line length
max. length all stubs
50 kbit/s
1000 m
50 m
250 m
125 kbit/s
500 m
20 m
100 m
250 kbit/s
250 m
10 m
50 m
500 kbit/s
100 m
5 m
25 m
1 Mbit/s
20 m
1 m
5 m
Tab. 5: Cable lengths
This table shows an overview of theoretical values for an ideal network. Nevertheless, there are more de-
pendencies regarding the trunk line length, the stub line length, the amount of process data and the baud
rate.
5.2.4
Example
Trunk
Stub
Device 3
Device 2
Device 4
Device 5
Device 6
Device n
Junction box
Device 1
Fig. 8: Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com