Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Type büS
Detailed project plan 1
18
6
DETAILED PROJECT PLAN 1
6.1
Floor plan
Create a detailed project plan using the aforesaid information about devices, cables lengths, topology, junc-
tion boxes and Y-connectors.
Are the devices close to each other?
YES: plan the network with a passive junction box
NO: plan the network with Y-connectors
Rules:
▪ Connect all the accessories on the trunk line
▪ Connect the accessories directly to the device
– Use stub lines to connect the devices
– Avoid long stub line lengths
6.1.1
Network with a junction box
In a network with one passive junction box, all the cables will be viewed as stub lines since there is no trunk
line. Keep the stub lines as short as possible.
Stub
Junction box
Device 1
Device 3
Device 4
Device 5
Device 6
Device 7
Device 8
Device 2
1 m
1 m
1 m
1 m
1 m
1 m
1 m
1 m
Fig. 14: Network with a junction box
6.1.2
Network with Y-connectors
A network with Y-connectors without stub lines (directly connected to the M12 connector of the device)
1 m
5 m
7 m
8 m
1 m
Y
Y
Y
Y
Fig. 15: Network with Y-connectors without stub lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com