Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Type büS
Technical know-how
20
7
TECHNICAL KNOW-HOW
7.1
Termination resistors
Termination resistors are located on each side of the trunk line. The impedance is approximately 60 Ω
between CAN-HIGH and CAN-LOW.
Exception: In a large network with long stub lines, the longest distance between two devices should be es-
timated. It is also recommended to choose the longest distance in a network that consists of more than one
passive junction box.
CAN_H
CAN_L
Node 1
Node 2
Node n
. . . . . . .
Termination
Termination
Fig. 18: Termination resistors
7.2
Connection for diagnostics
We recommend providing a free connection for diagnostics. A port of the junction box or an extra Y-con-
nector in the network can be used. This access is important for fast diagnostics with büS stick and the
Bürkert Communicator software.
Furthermore, it can be used for measurements with external tools, e.g. GEMAC CANBUS Tester 2. In this
case, a measurement connection at both ends is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com