Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Type büS
Getting to know the basics of a büS
infrastructure – accessories, cables,
pin assignment
11
4.2.4
Termination
Definition: A termination resistor is available as an M12 connector (female and male) or as a chip and has to
be used twice in one network.
Purpose: To avoid signal reflections in the cable, the büS network always needs to be terminated with two
120 Ω resistors at the ends of the cable. One is required at the beginning of the network and one at the end.
Bürkert Id Nr
772424
Fig. 6: Termination
Fig. 7: Termination resistor chip
4.3
Cable configuration
There are two types of cable: connecting cables and extension cables. All cables are available with different
cable lengths. An overview can be found in the appendix.
4.3.1
Characteristic impedance and cables standards
All nodes are connected to each other through a physically conventional two-wire bus. The wires are a twis-
ted pair with a 120 Ω (nominal) characteristic impedance. CiA 301 (CANopen application layer) is standard-
ised as EN 50325-4.
4.3.2
Connecting cables
Definition: Connecting cables are equipped with a female M12 connector on one side and with open leads
on the other.
Purpose: These cables connect a device with a terminal block to an M12 connector, e.g. gateway Type
ME43.
4.3.3
Extension cables
Definition: Extension cables are equipped with a female M12 connector on one side and with a male M12
connector on the other.
Purpose: These cables are used to connect a device with an M12 connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com