Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00772425 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Type büS
Getting to know the basics of a büS
infrastructure – accessories, cables,
pin assignment
12
4.4
Pin assignment
Various standard connectors are available for Bürkert devices with a büS interface.
4.4.1
M12 connector male, 5-pin (A-coded)
M12 connector male, 5-pin (A-coded)
Pin
Assignment
1
2
3
4
5
1
SHIELD
2
V+
3
DGND
4
CAN_H
5
CAN_L
Tab. 1: M12 connector male, 5-pin (A-coded)
4.4.2
M12 connector male, 8-pin (A-coded)
M12 connector male, 8-pin (A-coded)
Pin
Assignment
1
2
4
6
7
3
5
8
1
V+
2
DGND
3
CAN_L
4
CAN_H
5
Device specific
6
Device specific
7
Device specific
8
Device specific
Tab. 2: M12 connector male, 8-pin (A-coded)
4.4.3
Terminal block, 5-pin
Terminal block, 5-pin
Pin (colour)
Assignment
24V
H
Shield
L
GND
Red
24 V DC
White
CAN_H (büS-connection)
Green
SHIELD
Blue
CAN_L (büS-connection)
Black
GND
Tab. 3: Terminal block, 5-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com