Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 8312
3 | 11
Visit product website 
1.
General Technical Data
Product properties
Material
Non wetted parts
Housing
Stainless steel 1.4305 (303)
Wetted parts
Process connection
• Ceramic version: stainless steel 1.4305 (303)
• Metallic G or NPT version: stainless steel 1.4571 (316Ti)
• Metallic clamp version: stainless steel 1.4435 (316L)
Measurement element
• Ceramic version: ceramic Al
2O3 (96 %)
• Metallic version: stainless steel 1.4435 (316L)
Seal
• Ceramic version: FPM (FFPM on request)
• Metallic version: none
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 6.
Surface quality
For clamp connection
Ra < 0.8 µm
Measurement technology
• Ceramic thick film strain gauge
• Metallic thin film strain gauge
Measured variable
Relative pressure (absolute pressure on request)
Measuring range
- 1…5 or 0…0.25; 1; 1.6; 2.5; 4.0; 6.0; 10.0 or 16.0 bar
Detailed information can be found in chapter “6.3. Ordering chart” on page 9.
Compensated ambient temperature
range (T
amb.)
- 20…+ 85 °C (- 4…+ 185 °F)
Monitoring
• Measuring circuit
– Underrange (freely selectable lower limit)
– Overrange (freely selectable upper limit)
• Probe short circuit
• Probe break
Weight
95 g with process connection G ¼"
Performance data
Temperature coefficient (Tc)
In compensated T°
amb. range
Average Tc of zero
• Ceramic version: ≤ 0.02 % / °C typical, ≤ 0.04 % / °C max.
• Metallic version:
– ≤ 0.03 % / °C typical, ≤ 0.05 % / °C max. for measuring ranges ≤ 0.4 bar
– ≤ 0.02 % / °C typical, ≤ 0.04 % / °C max. for measuring ranges > 0.6 bar
Average Tc of measuring span
• Ceramic version: ≤ 0.02 % / °C typical, ≤ 0.04 % / °C max.
• Metallic version: ≤ 0.02 % / °C typical, ≤ 0.04 % / °C max.
Thermal hysteresis
• Ceramic version: ≤ ± 0.4 % of measuring span
• Metallic version:
– ≤ ± 0.5 % of measuring span (in compensated temperature range)
– ≤ ± 1 % of measuring span for range 0…0.25 bar
Zero offset
≤ 0.3 % of measuring span
Cycle time
1 ms
Measuring resolution
12 Bit
Overload limit
3 x measuring span
Burst pressure
4 x measuring span
Detailed information on burst pressure can be found in chapter “6.3. Ordering chart”
on page 9.
Measurement deviation
Related to characteristic curve: ≤ 0.5 % of measuring span (limit point setting)
Hysteresis
• Ceramic version: ≤ 0.2 % of measuring span
• Metallic version: ≤ 0.1 % of measuring span
Repeatability
• Ceramic version: ≤ 0.1 % of measuring span
• Metallic version: ≤ 0.05 % of measuring span



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com