Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Type 8312
4 | 11
Visit product website 
Stability (per year)
• Ceramic version: ≤ 1 % of measuring span
• Metallic version: ≤ 0.5 % of measuring span
Electrical data
Operating voltage
10…30 V DC, filtered and regulated
Power source (not supplied)
The auxiliary energy of the pressure sensor must meet SELV requirements; optional-
ly, an energy-limited current circuit according to section 9.3 of DIN EN 61010-1 and
UL 61010-1 can be used.
Current consumption
Max. approx. 45 mA
DC reverse polarity protection
Yes
Overvoltage protection
Yes
Short circuit protection
Yes
Cable
5-wire shielded cable, length depends on the transmission speed. The physical CAN
transmission is standardized according to ISO 11898-2 (high-speed) and ISO 11898-3
(low-speed)
Medium data
Fluid
Liquid and gaseous medium
Fluid temperature
• Ceramic version: - 20…+ 85 °C (- 4…+ 185 °F)
• Metallic version: - 40…+ 125 °C (- 40…+ 257 °F)
Process/Port connection & communication
Process connection
• Ceramic version: G ¼" or NPT ¼" (according to EN 837)
• Metallic version:
– G ¼" or NPT ¼" (according to EN 837)
– G ¾" flush diaphragm (according to ISO 228-1)
– Clamp 1½" (according to ISO 2852)
Detailed information on the process connection can be found in chapter “6.3. Ordering
chart” on page 9.
Electrical connection
M12 × 1 male connector, 5 pin according to DIN IEC 60947-5-2
Digital communication: CANopen
Protocol
CiA DS 301, V4.02, CANopen slave
Profile
CiA DS 404, V1.2; measuring devices and closed-loop controllers
Baud rate
20 kbaud to 1 Mbaud, setting via LSS or SDO
Node ID
1 to 127, setting via LSS or SDO
PDO
0 Rx, 1 Tx
SDO
1 Rx, 1 Tx
Emergency
Yes
Heartbeat
Yes
Node Guarding
Yes
LSS
Yes
SYNC
Yes
Operation and project design
All parameters are accessible via the CANopen object directory (EDS) and can be set via
standard CANopen software tools or Bürkert Communicator.
EDS (electronic data sheet)
• Device driver in Bürkert Communicator tool Type 8920, see “Bürkert Communicator”
on the website in the Software chapter Type 8920 .
• See “Device Description Files” on the website in the Software chapter Type 8312 .
Factory setting
See “Operating Instructions Type 8312” on the website in the User Manuals chapter
Type 8312 .
Approvals and certificates
Standards
Degree of protection
IP67 according to IEC/EN 60529, with M12 female connector screwed on
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on
the EU Type Examination Certificate and/or the EU Declaration of conformity (if applica-
ble)
Electromagnetic compatibility (EMC)
CE conformity according to EN 61326-2-3
• Interference emission: class B
• Immunity to interference: to industrial requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com