Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Type 8312
5 | 11
Visit product website 
Pressure equipment directives
• The device does not meet the requirements for “safety accessories” within the mean-
ing of the Pressure Equipment Directive 2014/68/EU.
• Complying with Article 4, Paragraph 1 of 2014/68/EU directive
Detailed information on the pressure equipment directive can be found in chapter
“2.1. Pressure Equipment Directive” on page 5.
Environment and installation
Ambient temperature
Operation
- 20…+ 85 °C (- 4…+ 185 °F)
Storage
- 40…+ 85 °C (- 40…+ 185 °F)
Relative air humidity
• During operation: ≤ 100 %, without condensation on the outer housing surface of the
device
• During storage: ≤ 90 %, without condensation
Climate class
3K7 according to EN 60721-3-3
Area of use
Indoors and outdoors (protect this device against electromagnetic interference, ultravio-
let rays and the effects of climatic conditions)
Vibration resistance
20 g max. with 15…2000 Hz according to EN 60068-2-6
Shock resistance
100 g, 5 ms according to EN 60068-2-27
Mounting position
• Installation: unrestricted
• Calibration: device upright, process connection at the bottom
2.
Approvals
2.1. Pressure Equipment Directive
The device conforms to Article 4, Paragraph 1 of the Pressure Equipment Directive 2014/68/EU under the following conditions:
Device used on a pipe
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure, DN = nominal diameter of the pipe
Type of fluid
Conditions
Fluid group 1, Article 4, Paragraph 1.c.i
DN ≤ 25
Fluid group 2, Article 4, Paragraph 1.c.i
DN ≤ 32 or PS*DN ≤ 1000
Fluid group 1, Article 4, Paragraph 1.c.ii
DN ≤ 25 or PS*DN ≤ 2000
Fluid group 2, Article 4, Paragraph 1.c.ii
DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000
Device used on a vessel
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure, V = vessel volume
Type of fluid
Conditions
Fluid group 1, Article 4, Paragraph 1.a.i
V > 1 L and PS*V ≤ 25 bar.L or PS ≤ 200 bar
Fluid group 2, Article 4, Paragraph 1.a.i
V > 1 L and PS*V ≤ 50 bar.L or PS ≤ 1000 bar
Fluid group 1, Article 4, Paragraph 1.a.ii
V > 1 L and PS*V ≤ 200 bar.L or PS ≤ 500 bar
Fluid group 2, Article 4, Paragraph 1.a.ii
PS > 10 bar and PS*V ≤ 10000 bar.L or
PS ≤ 1000 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com