Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 8312
7 | 11
Visit product website 
4.
Product operation
4.1. Functional overview
Pressure P
A/D
Device functions
(Profile DS 404)
EMERGENCY
PDO
HEARTBEAT
1
Calibration
2
Sensor monitoring
3
Scaling
4
Fine adjustment
5
Filter
6
Decimal places
7
Measuring
range monitoring
8
Drag pointer
(min./max.)
9
Date/Name
10
11
Probe break/
Probe short-circuit
Measured value, 32 bit
Status, 8 bit
Parameters
Measurements
Status
12
SDO
13
14
NODE GUARDING
14
SYNC
NMT
LSS
15
16
17
No. Description
1
The analog signal from the pressure cell is digitized with 12 Bit resolution.
2
The pressure signal is digitally calibrated at the factory.
3
The sensor monitoring facility continuously checks the correct performance of the sensor signal and triggers high priority
emergency telegrams in the event of an error.
4
The pressure measurement can be scaled to any dimensional unit (or in % of range).
5
Fine calibration features and auto-zeroing function and a freely adjustable shift of the characteristic.
6
Undesirable signal fluctuations can be suppressed through the constant (adjustable) filter.
7
The measurement output has a freely selectable decimal place.
8
Free choice of upper and lower limits for range monitoring. The result is given as a status byte in addition to the measurement
in the PDO frame.
9
The drag pointer (“min./max. index”) function records the minimum and maximum pressure values.
10 Date and name of the last servicing action can be stored.
11 An emergency telegram is triggered in the event of a sensor fault.
12 The PDO frame contains a 32-bit measurement and a 8-bit status. The measurement output can be controlled by means of
different trigger conditions.
13 Parameters can be set through SDO frames, and measurements and status can be requested.
14 The heartbeat signal or Node Guarding can be used to additionally monitor the transmitter function.
15 The transmission of measurements can be controlled through the Sync command.
16 NMT frames serve to control the operational state of the transmitter.
17 The CAN Node ID and CAN baud rate are set via LSS or SDO, according to choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com