Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 8312
9 | 11
Visit product website 
6.3. Ordering chart
Note:
All following versions have a 10…30 V DC operating voltage and a CANopen digital interface.
Process connection Seal
Pressure range (relative pressure)
Burst pressure (relative pressure)
Article no.
[bar]
[bar]
Ceramic version
G ¼"
FPM
0…1.6
6.4
574590 
0…2.5
10
574591 
0…4
16
574592 
0…6
24
574593 
0…10
40
574594 
0…16
64
574595 
NPT ¼"
0…1.6
6.4
574596 
0…2.5
10
574597 
0…4
16
574598 
0…6
24
574599 
0…10
40
574600 
0…16
64
574601 
Metallic version
G ¼"
–
0…0.25
1
574602 
0…1
4
574603 
NPT ¼"
0…0.25
1
574604 
0…1
4
574605 
G ¾" flush diaphragm
0…0.25
1
574606 
0…1
4
574607 
0…1.6
6.4
574608 
0…2.5
10
574609 
0…4
16
574610 
0…6
24
574611 
0…10
40
574612 
0…16
64
574613 
Clamp 1½"
- 1…5
20
572107 
0…0.25
1
572106 
0…1
4
572105 
0…1.6
6.4
572104 
0…2.5
10
572103 
0…4
16
572102 
0…10
40
572101 
0…16
64
572100 
Further versions on request
Process connection
G ½"
5
bar
0
Pressure
• Relative pressure: up to 600 bar or 8700 PSI
• Absolute pressure: up to 25 bar or 360 PSI
Material
Seal: FFPM1.) for ceramic version
1.) Product characteristics similar to PTFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com