Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Type 8312
6 | 11
Visit product website 
3.
Dimensions
3.1. Ceramic version
Note:
Dimensions in mm
G ¼"
according to EN 837
1.) The total height is increased by the height of the used female connector and cable.
NPT ¼"
according to EN 837
G ¼"
M12 x 1
27
Ø 26.8
Ø 5
Ø 9.5
M12 x 1
27
Ø 26.8
NPT ¼"-18
Process connection:
3.2. Metallic version
Note:
Dimensions in mm
1.) The total height is increased by the height of the used female connector and cable.
G ¼"
according to EN 837
Ø 5
M12 x 1
Ø 9.5
G ¼"
27
Ø 27
G ¾" front-flush
according to EN ISO 228-1
M12 x 1
Ø 27
G ¾"
Ø 31.9
Profile
seal
G ¾"
32
NPT ¼"
according to EN 837
M12 x 1
27
Ø 27
NPT ¼"-18
Process connection:
Clamp 1½"
according to EN ISO 2852
M12 x 1
Ø 43.5
Ø 50.5
Parts in contact with
the medium electro-polished
surface roughness
Ra 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com