Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # PLC
Description  Pressure transmitter with CANopen interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

PLC Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  PLC Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG PLC Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Type ME43
Fieldbus gateway
PLC
With CANopen interface
Integration into CANopen and büS
networks
1000416947 | Standard | EU | en | 202201 | 03
Pressure transmitter with CANopen interface
• Ceramic thick film or metallic thin film strain gauge measuring
principles
• Process connections: G, NPT in ¼" or G ¾" (with hygienic flush
diaphragm) or 1½" clamp
• Linearised and temperature-compensated measuring ranges from -
1...5 bar or 0...0.25 bar to 0...16 bar selectable, relative pressure
• Media temperature range depends on the measuring principle:
- 20…+ 85 °C (ceramic), - 40…+ 125 °C (metallic)
• Access to measured value, device status and settings via the CAN-
open interface
The product is used for measuring either relative or absolute pressures (on
request) in liquid and gaseous media.
Two techniques are available:
• Metallic thin film strain gauge
• Ceramic thick film strain gauge
Both have different specifications. The main differences are:
• Available pressure measuring ranges
• Limitations of medium temperature
• Available process connection types and sizes
• With/without seal for process connection
• Flush diaphragm option available
The device digitises the pressure value and makes it available for use through
the “CANopen” digital communication interface (CAN slave).
Instead of an analogue output, this device offers the CANopen digital inter-
face. This allows bidirectional data transfer, e.g. with a CAN/Ethernet gateway
or directly to a PLC that is equipped with a CAN interface. CAN devices can
also be connected to the Bürkert büS digital communication interface. A
driver used for data exchange and settings of the 8312 is integrated in the
Bürkert PC tool Communicator and available on our website.
Several useful auxiliary functions have been implemented through the DS 404
device profile.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8312
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - PLC

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PLC LSTD-PLC Datasheet
428Kb / 1P
Heavy-duty construction
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
Accessories for the PLC INTERFACE Series
logo
Christian Bürkert GmbH ...
PLC BURKERT-PLC Datasheet
850Kb / 11P
RTD temperature sensor with CANopen interface
13.09.2022
logo
HMS Networks.
PLC HMS-PLC Datasheet
390Kb / 2P
Control System (PLC) to Control System (PLC)
logo
Qualtek Electronics Cor...
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
25Watts Single Output LED Driver
More results

Similar Description - PLC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-80K FUJI-EDSX5-80K Datasheet
159Kb / 12P
PRESSURE TRANSMITTER
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com