Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 55 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 55 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 51Page - OSRAM GmbH TCS35303-2 Datasheet HTML 52Page - OSRAM GmbH TCS35303-2 Datasheet HTML 53Page - OSRAM GmbH TCS35303-2 Datasheet HTML 54Page - OSRAM GmbH TCS35303-2 Datasheet HTML 55Page - OSRAM GmbH TCS35303-2 Datasheet HTML 56Page - OSRAM GmbH TCS35303-2 Datasheet HTML 57Page - OSRAM GmbH TCS35303-2 Datasheet HTML 58Page - OSRAM GmbH TCS35303-2 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
Page 54
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
SIEN Register
Figure 65:
SIEN
Note(s):
1. Return to the Register Map (0xBB).
CONTROL Register
Figure 66:
CONTROL
Note(s):
1. Return to the Register Map (0xBC).
Addr: 0xBB
SIEN
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2
SIEN_AUX
0
R/W
Auxiliary System Interrupt Enable. Setting this bit will
allow a system interrupt SINT as soon as an auxiliary
interrupt occurs. Please see SINT_AUX for further
information.
1
SIEN_
MEASUREMENT_
SEQUENCER
0R/W
Measurement Sequencer Interrupt Enable. Setting this
bit will allow a system interrupt SINT as soon as invoked
by a measurement sequencer event. Please see SINT_
MEASUREMENT_SEQUENCER for further information
0
SIEN_VSYNC
0
R/W
Vsync Interrupt Enable. Setting this bit will allow a
system interrupt SINT as soon as soon as a vysnc interrupt
occurs. Please see SINT_VSYNC for further information.
Addr: 0xBC
CONTROL
Bit
Field
Reset
Type
Bit Description
7:2
Reserved
0
1FIFO_CLR
0
R/W
Setting this bit will clear the FIFO, as well as FINT, FIFO_
FULL, FIFO_OVERFLOW, FIFO_UNDERFLOW and FIFO_LVL.
0
CLEAR_SAI_
ACTIVE
0R/W
Setting this bit will clear the Sleep After Interrupt Active
SAI_ACTIVE and start measurements if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com