Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 40Page - OSRAM GmbH TCS35303-2 Datasheet HTML 41Page - OSRAM GmbH TCS35303-2 Datasheet HTML 42Page - OSRAM GmbH TCS35303-2 Datasheet HTML 43Page - OSRAM GmbH TCS35303-2 Datasheet HTML 44Page - OSRAM GmbH TCS35303-2 Datasheet HTML 45Page - OSRAM GmbH TCS35303-2 Datasheet HTML 46Page - OSRAM GmbH TCS35303-2 Datasheet HTML 47Page - OSRAM GmbH TCS35303-2 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
Datasheet, Public
Page 43
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
CFG0 Register
Figure 50:
CFG0
Note(s):
1. Return to the Register Map (0xA1).
CFG1 Register
Figure 51:
CFG1
Note(s):
1. Return to the Register Map (0xA2).
Addr: 0xA1
CFG0
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6SAI
0
R/W
Sleep After Interrupt. If asserted, the oscillator is turned
off whenever interrupt is active (low). SAI_ ACTIVE is set in
this event. To activate the oscillator again, service and
clear all interrupts plus clear the SAI_ACTIVE bit by writing
“1” to CLEAR_SAI_ACTIVE. Sleep after interrupt is asserted
only in combination with MEASUREMENT_
SEQUENCER_SINT_PER_STEP or SIEN or SIEN_
MEASUREMENT_SEQUENCER.
5:0
Reserved
0
Do not overwrite default.
Addr: 0xA2
CFG1
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2
DO_ALS_FINAL_
PROCESSING
0R/W
If this bit is set to “1” and flicker measurement takes
longer than ALS measurement, ALS measurement
writings are postponed until flicker measurement is
finished. Otherwise ALS data is not written to FIFO.
1:0
Reserved
0
Do not overwrite default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com