Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 38Page - OSRAM GmbH TCS35303-2 Datasheet HTML 39Page - OSRAM GmbH TCS35303-2 Datasheet HTML 40Page - OSRAM GmbH TCS35303-2 Datasheet HTML 41Page - OSRAM GmbH TCS35303-2 Datasheet HTML 42Page - OSRAM GmbH TCS35303-2 Datasheet HTML 43Page - OSRAM GmbH TCS35303-2 Datasheet HTML 44Page - OSRAM GmbH TCS35303-2 Datasheet HTML 45Page - OSRAM GmbH TCS35303-2 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
Datasheet, Public
Page 41
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
STATUS 5 Register
Figure 48:
STATUS5
Note(s):
1. Return to the Register Map (0x9F).
Addr: 0x9F
STATUS5
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2SINT_AUX
0
R/W
Auxiliary System Interrupt Enable. Setting this bit will
allow a system interrupt SINT as soon as an auxiliary
interrupt occurs.
1
SINT_
MEASUREMENT_
SEQUENCER
0R/W
Measurement Sequencer Interrupt Enable. Setting this
bit will allow a system interrupt SINT as soon as invoked
by a measurement sequencer event.
0SINT_VSYNC
0
R/W
Vsync Interrupt Enable. Setting this bit will allow a
system interrupt SINT as soon as soon as a vysnc interrupt
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com