Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 79 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 79 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 75Page - OSRAM GmbH TCS35303-2 Datasheet HTML 76Page - OSRAM GmbH TCS35303-2 Datasheet HTML 77Page - OSRAM GmbH TCS35303-2 Datasheet HTML 78Page - OSRAM GmbH TCS35303-2 Datasheet HTML 79Page - OSRAM GmbH TCS35303-2 Datasheet HTML 80Page - OSRAM GmbH TCS35303-2 Datasheet HTML 81Page - OSRAM GmbH TCS35303-2 Datasheet HTML 82Page - OSRAM GmbH TCS35303-2 Datasheet HTML 83Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
Page 78
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
VSYNC_PERIOD_TARGET0 Register
Figure 113:
VSYNC_PERIOD_TARGET0
Note(s):
1. Return to the Register Map (0xEF).
VSYNC_PERIOD_TARGET1 Register
Figure 114:
VSYNC_PERIOD_TARGET1
Note(s):
1. Return to the Register Map (0xF0).
Addr: 0xEF
VSYNC_PERIOD_TARGET0
Bit
Field
Reset
Type
Bit Description
7:0
VSYNC_PERIOD_
TARGET[7:0]
0R/W
It sets the target vsync period. The value can be
calculated as VSYNC_PERIOD_TARGET = ((1/target_
frequency_in_Hz) * 1.3888888 * 10-6).
Addr: 0xF0
VSYNC_PERIOD_TARGET1
Bit
Field
Reset
Type
Bit Description
7
VSYNC_PERIOD_USE_
FAST_TIMING_EVAL
0R/W
If set to “0” it selects VSYNC_PERIOD[15:1] (range 15Hz
to 500Hz) and if set to “1” it selects VSYNC_
PERIOD[14:0] (range 30Hz to 1kHz).
6:0
VSYNC_PERIOD_
TARGET[14:8]
0R/W
See VSYNC_PERIOD_TARGET0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com