Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 42Page - OSRAM GmbH TCS35303-2 Datasheet HTML 43Page - OSRAM GmbH TCS35303-2 Datasheet HTML 44Page - OSRAM GmbH TCS35303-2 Datasheet HTML 45Page - OSRAM GmbH TCS35303-2 Datasheet HTML 46Page - OSRAM GmbH TCS35303-2 Datasheet HTML 47Page - OSRAM GmbH TCS35303-2 Datasheet HTML 48Page - OSRAM GmbH TCS35303-2 Datasheet HTML 49Page - OSRAM GmbH TCS35303-2 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
Datasheet, Public
Page 45
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Register Overview
CFG4 Register
Figure 54:
CFG4
Note(s):
1. Return to the Register Map (0xA5).
Addr: 0xA5
CFG4
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
MOD_
CALIBRATION_
NTH_ITERATION_
STEP_ENABLE
0R/W
Enable a modulator calibration with nth iterations per
sequencer step instead of waiting for a full round for all
sequencers to be finished. In case of AGC enabled (MOD_
CALIB_NTH_ITERATION_AGC_ENABLE) this bit must be
set “0”, otherwise AGC will not properly work.
5
MEASUREMENT_
SEQUENCER_AGC_
PREDICT_TARGET_
LEVEL
0R/W
Sets the target measurement levels for AGC prediction.
0b: 50% of max value
1b: 25% of max value
4
MEASURMENT_
SEQUENCER_
SINT_PER_STEP
0R/W
Invokes the system interrupt SINT_MEASUREMENT_
SEQUENCER per sequencer step instead of after a full
sequencer round.
3
OSC_TUNE_NO_
RESET
0R
If set to 0, OSC_TUNE gets reset to 0 if PON is set to 1. If set
to 1, OSC_TUNE keeps its value if PON is set to 1.
2Reserved
0
1:0
MOD_ALS_FIFO_
DATA_FORMAT
0R/W
Sets the format for ALS data written to FIFO. Please
observe readout pattern if digital or analog saturation has
occurred.
00b: 16-bit (FFFF analog sat, FFFE digital sat)
01b: 24-bit (FFFFFF analog sat, FFFFFE digital sat)
10b: Reserved
11b: 32-bit (FFFFFFFF analog sat)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com