Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 41Page - OSRAM GmbH TCS35303-2 Datasheet HTML 42Page - OSRAM GmbH TCS35303-2 Datasheet HTML 43Page - OSRAM GmbH TCS35303-2 Datasheet HTML 44Page - OSRAM GmbH TCS35303-2 Datasheet HTML 45Page - OSRAM GmbH TCS35303-2 Datasheet HTML 46Page - OSRAM GmbH TCS35303-2 Datasheet HTML 47Page - OSRAM GmbH TCS35303-2 Datasheet HTML 48Page - OSRAM GmbH TCS35303-2 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
Page 44
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
CFG2 Register
Figure 52:
CFG2
Note(s):
1. Return to the Register Map (0xA3).
CFG3 Register
Figure 53:
CFG3
Note(s):
1. Return to the Register Map (0xA4).
Addr: 0xA3
CFG2
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2:0
FIFO_THR[2:0]
1
R/W
FIFO Threshold LSB. Please see FIFO_THR for
information.
Addr: 0xA4
CFG3
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:4
INT_PINMAP
0
R/W
Interrupt Pin Mapping. Defines internal signal which is
routed to the external INT pin.
00b: Default, INTERRUPT
01b: Reserved, do not use
10b: Reserved, do not use
11b: Reserved, do not use
3:2
Reserved
0
1:0
VSYNC_GPIO_
PINMAP
0R/W
Vsync/GPIO Pin Mapping. Defines internal signal which
is routed to the external VSYNC/GPIO pin.
00b: Default, VSYNC_GPIO_OUT
01b: Reserved, do not use
10b: Reserved, do not use
11b: Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com