Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS35303-2 Datasheet(PDF) 85 Page - OSRAM GmbH

Part # TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Datasheet(HTML) 85 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 81Page - OSRAM GmbH TCS35303-2 Datasheet HTML 82Page - OSRAM GmbH TCS35303-2 Datasheet HTML 83Page - OSRAM GmbH TCS35303-2 Datasheet HTML 84Page - OSRAM GmbH TCS35303-2 Datasheet HTML 85Page - OSRAM GmbH TCS35303-2 Datasheet HTML 86Page - OSRAM GmbH TCS35303-2 Datasheet HTML 87Page - OSRAM GmbH TCS35303-2 Datasheet HTML 88Page - OSRAM GmbH TCS35303-2 Datasheet HTML 89Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
Page 84
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MOD_FIFO_DATA_CFG3 Register
Figure 121:
MOD_FIFO_DATA_CFG3
Note(s):
1. Return to the Register Map (0xF7).
Addr: 0xF7
MOD_FIFO_DATA_CFG3
Bit
Field
Default
Access
Bit Description
7
MOD_ALS_FIFO_
DATA3_WRITE_
ENABLE
1RAM=0x13L
See MOD_ALS_FIFO_DATA0_WRITE_ENABLE.
5
MOD_FD_FIFO_
DATA3_
COMPRESSION_
ENABLE
0RAM=0x13L
See MOD_FD_FIFO_DATA0_COMPRESSION_
ENABLE and MOD_FD_FIFO_DATA0_WIDTH
for more details.
4
MOD_FD_FIFO_
DATA3_DIFFERENCE_
ENABLE
0RAM=0x13L
See MOD_FD_FIFO_DATA0_DIFFERENCE_
ENABLE
3:0
MOD_FD_FIFO_
DATA3_WIDTH
15
RAM=0x13L
See MOD_FD_FIFO_DATA0_WIDTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com