Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 25Page - OSRAM GmbH TCS37013 Datasheet HTML 26Page - OSRAM GmbH TCS37013 Datasheet HTML 27Page - OSRAM GmbH TCS37013 Datasheet HTML 28Page - OSRAM GmbH TCS37013 Datasheet HTML 29Page - OSRAM GmbH TCS37013 Datasheet HTML 30Page - OSRAM GmbH TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Figure 31:
CFG10
Note(s):
1. Return to the Register Map (0xB3).
Figure 32:
CFG12
Addr: 0xB3
CFG10
Bit
Field
Reset
Type
Bit Description
7:6
ALS_AGC_HIGH_HYST
3
R/W
ALS AGC High Hysteresis. Sets the ALS data
threshold at which AGAIN is reduced when ALS AGC
mode is enabled. The threshold is automatically
calculated internally as a percentage of full-scale. Note
that full-scale is equal to (ATIME + 1)
× (ASTEP + 1).
VALUE
SIGNAL
050%
1
62.5%
275%
3
87.5%
5:4
ALS_AGC_LOW_HYST
3
R/W
ALS AGC Low Hysteresis. Sets the ALS data threshold
at which AGAIN is increased when ALS AGC mode is
enabled. The threshold is automatically calculated
internally as a percentage of full-scale. Note that
full-scale is equal to (ATIME + 1)
× (ASTEP + 1).
VALUE
SIGNAL
0
12.5%
125%
2
37.5%
350%
3Reserved
0
2:0
Reserved
2
Addr: 0xB5
CFG12
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com