Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 34Page - OSRAM GmbH TCS37013 Datasheet HTML 35Page - OSRAM GmbH TCS37013 Datasheet HTML 36Page - OSRAM GmbH TCS37013 Datasheet HTML 37Page - OSRAM GmbH TCS37013 Datasheet HTML 38Page - OSRAM GmbH TCS37013 Datasheet HTML 39Page - OSRAM GmbH TCS37013 Datasheet HTML 40Page - OSRAM GmbH TCS37013 Datasheet HTML 41Page - OSRAM GmbH TCS37013 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Datasheet, Public
Page 37
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Figure 44:
CALIBCFG1
Note(s):
1. Return to the Register Map (0xEC).
Addr: 0xEC
CALIBCFG1
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
PROX_AUTO_OFFSET_
ADJUST
0R/W
Proximity Auto Offset Adjust. During proximity
mode, if set, whenever an ADC measurement is zero,
the appropriate offset register will be decreased. If
this happens, OFFSET_ADJUSTED will be set to 1 and
CINT will occur if enabled.
5:4
Reserved
0
3PXAVG_AUTO_BSLN
1
R/W
Proximity Average Auto Baseline Adjust. If
asserted, PBSLN is automatically updated with the
value of PXAVG whenever PXAVG is less than
previous PBSLN. If this happens, BASELINE_
ADJUSTED will be set to 1 and CINT will occur if
enabled.
2:0
PXAVG_ITERATIONS
4
R/W
Proximity Average Iterations. Sets the number of
proximity results that are averaged during normal
proximity operation. The resulting proximity average
is stored as a 14-bit value in the PXAVG registers after
each set of iterations is complete.
VALUE
ITERATIONS
0Skip
12
24
…
2PXAVG_ITERATIONS
664
7128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com