Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 28Page - OSRAM GmbH TCS37013 Datasheet HTML 29Page - OSRAM GmbH TCS37013 Datasheet HTML 30Page - OSRAM GmbH TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH TCS37013 Datasheet HTML 34Page - OSRAM GmbH TCS37013 Datasheet HTML 35Page - OSRAM GmbH TCS37013 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Datasheet, Public
Page 31
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
The Proximity Interrupt Threshold Registers set the high and
low trigger points for the comparison function which generates
an interrupt. Interrupt generation is subject to the value set in
persistence filter (PPERS). These registers are read/write.
Figure 36:
Proximity Interrupt Thresholds
Note(s):
1. Return to the Register Map (0x88, 0x89, 0x8A, 0x8B, 0x8C, 0x8D, 0x8E, 0x8F).
The proximity configuration registers include fields used to
control proximity operation.
Figure 37:
CFG14
Note(s):
1. Using features described in CFG14 may lead to malfunction if not properly applied. Please contact ams OSRAM application support
for help.
2. Return to the Register Map (0xB7).
Bits
Addr
Field
Description
7:0
0x88
PILT0
Proximity Interrupt Low Threshold Zero
15:8
0x89
7:0
0x8A
PILT1
Proximity Interrupt Low Threshold One
15:8
0x8B
7:0
0x8C
PIHT0
Proximity Interrupt High Threshold Zero
15:8
0x8D
7:0
0x8E
PIHT1
Proximity Interrupt High Threshold One
15:8
0x8F
Addr: 0xB7
CFG14
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
AUTO_CO_CAL_EN
0
R/W
Automatic Coarse Calibration Enable. If asserted,
the coarse offset range is calibrated automatically.
5
EN_PRX_OFFSET_
RANGE
0R/W
Coarse Offset Range Enable. If asserted, the
coarse offset range is enabled.
4:0
PRX_OFFSET_COARSE
0
R/W
Proximity Offset Range. If AUTO_CO_CAL_EN and
EN_PRX_OFFSET_RANGE are enabled, the offset
range is set automatically and can be read here. If
they are not enabled, the user programs the offset
range here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com