Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 36Page - OSRAM GmbH TCS37013 Datasheet HTML 37Page - OSRAM GmbH TCS37013 Datasheet HTML 38Page - OSRAM GmbH TCS37013 Datasheet HTML 39Page - OSRAM GmbH TCS37013 Datasheet HTML 40Page - OSRAM GmbH TCS37013 Datasheet HTML 41Page - OSRAM GmbH TCS37013 Datasheet HTML 42Page - OSRAM GmbH TCS37013 Datasheet HTML 43Page - OSRAM GmbH TCS37013 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
Datasheet, Public
Page 39
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
General Configuration
The configuration registers include fields used to control device
operation for all functions.
Figure 46:
CFG0
Note(s):
1. Set RAM_BANK = 2 or 3 to access the 16 words at 0xB0 … 0xBF. These words are the time table for remote control and are mirrored
over the entire 0x00 to 0x7F range.
2. Return to the Register Map (0xA9).
Addr: 0xA9
CFG0
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5LOWPOWER_IDLE
0
R/W
Low Power Idle. When asserted, the device will
automatically run in a low power mode whenever all
functions are in wait states or disabled.
4
Reserved
0
3
PROX_TRIGGER_LONG
0
R/W
Proximity Trigger Long. Increases the PTIME setting
by a factor of 16.
2
ALS_TRIGGER_LONG
0
R/W
ALS Trigger Long. Increases the WTIME setting by a
factor of 16.
1:0
RAM_BANK
0
R/W
RAM Bank Selection. Specifies the RAM bank to
access in registers 0x00 to 0x7F.
VALUE
BANK
00
11
2 or 3
Other (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com