Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 42Page - OSRAM GmbH TCS37013 Datasheet HTML 43Page - OSRAM GmbH TCS37013 Datasheet HTML 44Page - OSRAM GmbH TCS37013 Datasheet HTML 45Page - OSRAM GmbH TCS37013 Datasheet HTML 46Page - OSRAM GmbH TCS37013 Datasheet HTML 47Page - OSRAM GmbH TCS37013 Datasheet HTML 48Page - OSRAM GmbH TCS37013 Datasheet HTML 49Page - OSRAM GmbH TCS37013 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Datasheet, Public
Page 45
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
The GPIO is configured to take inputs or outputs used for
interrupts, external proximity synchronization.
Figure 53:
GPIO
Note(s):
1. Return to the Register Map (0xBE).
Addr: 0xBE
GPIO
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3GPIO_INVERT
0
R/W
GPIO Invert. If asserted, the output on GPIO is
inverted. This is useful for direct interrupt output if
active = high.
2GPIO_IN_EN
0
R/W
GPIO Input Enable. If asserted, the GPIO pin accepts
a non-floating input.
1
GPIO_OUT
1
R/W
GPIO Output. If asserted, the output state of the
GPIO is active directly.
0GPIO_IN
0
R/W
GPIO Input. Indicates the status of the GPIO input if
GPIO_IN_EN is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com