Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 44Page - OSRAM GmbH TCS37013 Datasheet HTML 45Page - OSRAM GmbH TCS37013 Datasheet HTML 46Page - OSRAM GmbH TCS37013 Datasheet HTML 47Page - OSRAM GmbH TCS37013 Datasheet HTML 48Page - OSRAM GmbH TCS37013 Datasheet HTML 49Page - OSRAM GmbH TCS37013 Datasheet HTML 50Page - OSRAM GmbH TCS37013 Datasheet HTML 51Page - OSRAM GmbH TCS37013 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
Datasheet, Public
Page 47
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Note(s):
1. Return to the Register Map (0x93).
Additional status registers indicate details about saturation,
interrupts, and device execution.
Figure 55:
STATUS2
Note(s):
1. Return to the Register Map (0xA3).
1CINT
0
R
Calibration Interrupt. If CIEN is set, indicates that
either calibration is finished or that one of certain
events have occurred during normal operation. If
each function is enabled, CINT will be asserted if too
many zeroes occur too often in a period of samples, if
the proximity baseline has decreased, or if at least
one offset register has been adjusted. Check the
CALIBSTAT register to identify the triggering event(s).
0SINT
0
R
System Interrupt. If SIEN is set, indicates that one or
more of several events has occurred or is complete.
Addr: 0xA3
STATUS2
Bit
Field
Reset
Type
Bit Description
7
Reserved
0
6AVALID
0
R
ALS Valid. Indicates that the ALS state has
completed a cycle since either an assertion of AEN or
the last readout of the ASTATUS register.
5PVALID
0
R
Proximity Valid. Indicates that the proximity state
has completed a cycle since either an assertion of
PEN or the last readout of PDATA.
4ASAT_DIGITAL
0
R
ALS Digital Saturation. Indicates that the maximum
counter value has been reached. Maximum counter
value depends on integration time set in the ATIME
register.
3
ASAT_ANALOG
0
R
ALS Analog Saturation. Indicates that the intensity
of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
2
Reserved
0
1
Reserved
0
0
Reserved
0
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com