Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37013 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 49Page - OSRAM GmbH TCS37013 Datasheet HTML 50Page - OSRAM GmbH TCS37013 Datasheet HTML 51Page - OSRAM GmbH TCS37013 Datasheet HTML 52Page - OSRAM GmbH TCS37013 Datasheet HTML 53Page - OSRAM GmbH TCS37013 Datasheet HTML 54Page - OSRAM GmbH TCS37013 Datasheet HTML 55Page - OSRAM GmbH TCS37013 Datasheet HTML 56Page - OSRAM GmbH TCS37013 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
Page 52
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Figure 61:
STATUS4
Note(s):
1. Return to the Register Map (0xA5).
Figure 62:
Proximity Average
Note(s):
1. Return to the Register Map (0xD0, 0xD1).
Addr: 0xA5
STATUS4
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3
PINT1_PIHT
0
R
Proximity Interrupt One High. Indicates that
proximity interrupt one occurred because the
proximity data exceeded the high threshold. Write 1
to this bit to clear it.
2
PINT1_PILT
0
R
Proximity Interrupt One Low. Indicates that
proximity interrupt one occurred because the
proximity data is below the low threshold. Write 1 to
this bit to clear it.
1
PINT0_PIHT
0
R
Proximity Interrupt Zero High. Indicates that
proximity interrupt zero occurred because the
proximity data exceeded the high threshold. Write 1
to this bit to clear it.
0
PINT0_PILT
0
R
Proximity Interrupt Zero Low. Indicates that
proximity interrupt zero occurred because the
proximity data is below the low threshold. Write 1 to
this bit to clear it.
Bits
Addr
Field
Description
7:0
0xD0
PXAVG
Proximity Average. Indicates the average of a configurable
number of PDATA. To configure the data window, set PXAVG
ITERATIONS.
15:8
0xD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com