Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 69 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 65Page - OSRAM GmbH TCS3720 Datasheet HTML 66Page - OSRAM GmbH TCS3720 Datasheet HTML 67Page - OSRAM GmbH TCS3720 Datasheet HTML 68Page - OSRAM GmbH TCS3720 Datasheet HTML 69Page - OSRAM GmbH TCS3720 Datasheet HTML 70Page - OSRAM GmbH TCS3720 Datasheet HTML 71Page - OSRAM GmbH TCS3720 Datasheet HTML 72Page - OSRAM GmbH TCS3720 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Page 68
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
contain the lower 2-bits. When APC is disabled, only the upper
8-bits are compared against the threshold values contained in
PILTL and PIHTL.
TDATA_L Register (Address 0xF6)
Figure 97:
TDATA_L Register
TDATA_H Register (Address 0xF7)
Figure 98:
TDATA_H Register
FIFO_ADATA_7 Register (Address 0xF8)
Figure 99:
FIFO_ADATA_7 Register
Addr: 0xF6
TDATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
TDATA_L
0x00
R
Temperature ADC data LSB[7:0]
Temperature data is stored as a 10-bit value split
into two registers.
Once PEN =TEN =ENAB_TEMP_SENSOR =1,
temperature measurement is activated, and TDATA
is updated automatically after every proximity
measurement. T(ºC)=(399-TDATA)/1.48
Addr: 0xF7
TDATA_H
Bit
Bit Name
Default
Access
Bit Description
7:0
TDATA_H
0x00
R
Temperature ADC data MSB[9:8]
See TDATA_L Register for details.
Addr: 0xF8
FIFO_ADATA_7
Bit
Bit Name
Default
Access
Bit Description
7:0
FIFO_ADATA_7
0x00
R
FIFO ALS data read out register 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com