Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 45Page - OSRAM GmbH TCS3720 Datasheet HTML 46Page - OSRAM GmbH TCS3720 Datasheet HTML 47Page - OSRAM GmbH TCS3720 Datasheet HTML 48Page - OSRAM GmbH TCS3720 Datasheet HTML 49Page - OSRAM GmbH TCS3720 Datasheet HTML 50Page - OSRAM GmbH TCS3720 Datasheet HTML 51Page - OSRAM GmbH TCS3720 Datasheet HTML 52Page - OSRAM GmbH TCS3720 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Page 48
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
VSYNC_PRD_L Register (Address 0xB2)
Figure 65:
VSYNC_PRD_L Register
VSYNC_PRD_H Register (Address 0xB3)
Figure 66:
VSYNC_PRD_H Register
VSYNC_PRD stores the last VSYNC signal period. This is 16-bit
divided into 2 registers {VSYNC_PRD_H, VSYNC_PRD_L} with
resolution of 1.357μs/bit. It is recommended that VSYNC signal
is in the frequency range of 11.25Hz to 1KHz with minimum
active pulse width 16μs, although the counter is able to detect
a much higher frequency. Once external VSYNC signal is lost,
VSYNC_LOST_INT interrupt is generated if VSIEN =1. Then
software has option to enable internal VSYNC by enabling INT_
VSYNC_EN. The internal VSYNC will generate with frequency of
last period stored in VSYNC_PRD registers. Users can write
VSYNC_PRD registers for a desired frequency before enabling
the internal VSYNC feature. Once the device detects external
VSYNC signal, the INT_VSYNC_EN bit will be cleared
automatically, VSYNC_PRD value will update according to the
period detected.
PWM_PRD_L Register (Address 0xB5)
Figure 67:
PWM_PRD_L Register
Addr: 0xB2
VSYNC_PRD_L
Bit
Bit Name
Default
Access
Bit Description
7:0
VSYNC_PRD_L
0x00
RW
The low byte of the 16-bit VSYNC period data.
Addr: 0xB3
VSYNC_PRD_H
Bit
Bit Name
Default
Access
Bit Description
7:0
VSYNC_PRD_H
0x00
RW
The high byte of the 16-bit VSYNC period data.
Addr: 0xB5
PWM_PRD_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PWM_PRD_L
0x00
R
The low byte of the 14-bit PWM period data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com