Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 27Page - OSRAM GmbH TCS3720 Datasheet HTML 28Page - OSRAM GmbH TCS3720 Datasheet HTML 29Page - OSRAM GmbH TCS3720 Datasheet HTML 30Page - OSRAM GmbH TCS3720 Datasheet HTML 31Page - OSRAM GmbH TCS3720 Datasheet HTML 32Page - OSRAM GmbH TCS3720 Datasheet HTML 33Page - OSRAM GmbH TCS3720 Datasheet HTML 34Page - OSRAM GmbH TCS3720 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Page 30
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
PILTL Register (Address 0x88)
Figure 34:
PILTL Register
PILTH Register (Address 0x89)
Figure 35:
PILTH Register
The contents of the PILTH and PILTL registers are combined and
treated as a fourteen (14) bit threshold low value. If the value
generated by the proximity ADC (PDATA) is below the PILTL/H
threshold and the PPERS value is reached, then the low
proximity threshold is breached. When setting the 14-bit
proximity threshold, PILTL must be written first, immediately
follow by PILTH. Internally, the lower 8 bits are buffered until
the upper 8 bits are written. As the upper 8 bits are written both
the high and low bytes are simultaneously latched as a 14-bit
value.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then the proximity data converts to a 10-bit value.
PILTL contains an 8-bit threshold which is compared against the
upper 8 bits of the 10-bit value. PILTH is ignored.
Addr: 0x88
PILTL
Bit
Bit Name
Default
Access
Bit Description
7:0
PILTL
0x00
RW
This register contains the low byte of the 14-bit
proximity LOW threshold when APC is enabled. If APC
is disabled, this register contains the LOW threshold
which is an 8-bit value which is compared against the
upper 8 bits of the 10-bit proximity value.
Addr: 0x89
PILTH
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:0
PILTH
000000
RW
This register contains the upper 6 bits of the 14-bit
proximity LOW threshold when APC is enabled. If APC
is disabled, this register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com