Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 31Page - OSRAM GmbH TCS3720 Datasheet HTML 32Page - OSRAM GmbH TCS3720 Datasheet HTML 33Page - OSRAM GmbH TCS3720 Datasheet HTML 34Page - OSRAM GmbH TCS3720 Datasheet HTML 35Page - OSRAM GmbH TCS3720 Datasheet HTML 36Page - OSRAM GmbH TCS3720 Datasheet HTML 37Page - OSRAM GmbH TCS3720 Datasheet HTML 38Page - OSRAM GmbH TCS3720 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Page 34
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
PCFG1 Register (Address 0x8F)
Figure 41:
PCFG1 Register
The PPULSE field sets the maximum number of IR VCSEL pulses
that may occur in a proximity cycle. The proximity engine will
automatically continue to add IR VCSEL pulses, up to the value
set in PPULSE or if a near-saturation condition occurs if
Automatic Pulse Control (APC) is enabled. The dynamic range
of the sensor is automatically adjusted to detect distant targets
as well as prevent saturation from close targets. This operation
also reduces power consumption because proximity
integration period is automatically shortened when a target is
close to the sensor.
1:0
PGAIN2
11
RW
This field sets proximity second stage gain control.
Value
Stage 2 Gain
0 (00)
2.5x
1 (01)
5x
2 (10)
Reserved, must not use.
3 (11)
10x
Addr: 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:6
PPULSE_LENH
00
RW
These bits are the 2 most significant bits of the 10-bit
Pulse Length control setting. The lower 8 bits are in
the PCFG2 register. See the PCFG2 register for
details.
5:0
PPULSE
000000
RW
Maximum number of pulses in a single proximity
cycle.
Value
Maximum Number of Pulses
0 (000000)
1
1 (000001)
2
2 (000010)
3
...
...
63 (111111)
64
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com