Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 12Page - OSRAM GmbH TCS3720 Datasheet HTML 13Page - OSRAM GmbH TCS3720 Datasheet HTML 14Page - OSRAM GmbH TCS3720 Datasheet HTML 15Page - OSRAM GmbH TCS3720 Datasheet HTML 16Page - OSRAM GmbH TCS3720 Datasheet HTML 17Page - OSRAM GmbH TCS3720 Datasheet HTML 18Page - OSRAM GmbH TCS3720 Datasheet HTML 19Page - OSRAM GmbH TCS3720 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Datasheet, Public
Page 15
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Detailed Description
When ALS and proximity measurements are both enabled, there
are three operating modes available in the device: sequential
mode, full parallel mode and concurrent mode.
In the “sequential” operating mode, ALS and proximity
measurements run sequentially. When the device is operating
non-synchronously, the ALS measurement starts after ALS
enabled, and the proximity measurement starts after the
completion of ALS measurement. When the device is operating
synchronously (i.e. the ALS and proximity measurements are
triggered by an external VSYNC signal) the ALS and proximity
start timing is determined by the following:
• For ALS, AVSYNC_EN=1 enables synchronous mode and
ASD defines the delay from VSYNC until the ALS
measurement begins.
• For proximity, PVSYNC_EN=1 enables synchronous mode
and PSD defines the delay from the first VSYNC after the
completion of ALS measurement until the proximity
measurement begins.
AWTIME defines the ALS and proximity repetition period. In
non-synchronous mode, the subsequent measurement cycle
will begin at the end of the AWTIME period. In synchronous
mode, the subsequent measurement cycle will occur on the first
VSYNC after the end of the AWTIME period, plus the delay
defined by ASD. PWTIME in the sequential mode is ignored.
Figure 17 shows the ALS and proximity timing during
sequential mode.
Figure 17:
ALS and Proximity Measurement in Sequential Mode
ALS
integ
ASD
AWTIME
Prox
integ
PSD
ASD
ALS_Init_Time
ALS_Init_Time
Prox_Init_Time
Start s hifts
AVSYNC_EN=0
Start s hifts
AVSYNC_EN=0
Start s hifts
PVSYNC_EN=0
Temp_Meas
(if enabled)
ALS
integ
AWTIME
PON=1
PEN=AEN=1
PWEN=AWEN=1
PVSYNC=1
AVSYNC=1
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com