Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 40Page - OSRAM GmbH TCS3720 Datasheet HTML 41Page - OSRAM GmbH TCS3720 Datasheet HTML 42Page - OSRAM GmbH TCS3720 Datasheet HTML 43Page - OSRAM GmbH TCS3720 Datasheet HTML 44Page - OSRAM GmbH TCS3720 Datasheet HTML 45Page - OSRAM GmbH TCS3720 Datasheet HTML 46Page - OSRAM GmbH TCS3720 Datasheet HTML 47Page - OSRAM GmbH TCS3720 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Datasheet, Public
Page 43
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
PID_H Register (Address 0xA6)
Figure 58:
PID_H Register
CFG2 Register (Address 0xA7)
Figure 59:
CFG2 Register
Addr: 0xA6
PID_H
Bit
Bit Name
Default
Access
Bit Description
7:0
PID_H
0x00
RW
The high byte of the 16-bit programmable Proximity
ID.
Addr: 0xA7
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
RW
Reserved. Must be set to default value.
3
HOLD_ONLY_IN_
PULSE_ST
0RW
It is recommended to set the bit to “1” during device
initialization. In concurrent mode, ALS integration is
only on hold during Proximity pulsing period.
If the bit is “0”, in concurrent mode, ALS integration is
on hold until Proximity completes the entire
measurement which includes the initialization time,
integration time or PTIME whichever is longer,
hardware averaging loops if enabled and ADC
conversion time. Also ALS is kept on hold during
proximity is waiting for VSYNC signal detection and
PSD time when PVSYNC is enabled.
2
Reserved
0
RW
Reserved. Must be set to default value.
1
SKIP_IDAC_SAR
1
RW
If set, the IDAC_SAR is skipped.
0DISABLE_IDAC
1
RW
If set, the IDAC is disabled.
If SKIP_IDAC_SAR =DISABLE_IDAC =0, it enables the
IDAC to automatically remove most of the ambient IR
light to avoid a saturation caused by high ambient IR
components. The function runs before every PTIME,
and the time required is given by the formula: prox_
init_time =7 x(PPULSE_LEN +42.15μs). It may increase
PDATA noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com