Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3720 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 5Page - OSRAM GmbH TCS3720 Datasheet HTML 6Page - OSRAM GmbH TCS3720 Datasheet HTML 7Page - OSRAM GmbH TCS3720 Datasheet HTML 8Page - OSRAM GmbH TCS3720 Datasheet HTML 9Page - OSRAM GmbH TCS3720 Datasheet HTML 10Page - OSRAM GmbH TCS3720 Datasheet HTML 11Page - OSRAM GmbH TCS3720 Datasheet HTML 12Page - OSRAM GmbH TCS3720 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Page 8
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Optical Characteristics
Note(s):
1. Dark ADC count refers to the full ALS count with ENAB_RES_BITS =0.
2. The gain ratios are calculated relative to the response with integration time = 13.9ms and ALS gain = 128x.
3. Representative result by lab characterization. An aperture with opening size of 1.2 x1.2mm is used in the setup that limits the device
FoV in the measurements.
4. The White LED is an InGaN light-emitting diode with integrated phosphor and the following characteristic: correlated color
temperature = 2700K.
5. Lux accuracy is an illuminance estimated using the red, green, blue, and clear channels and is not production tested.
6. ADC noise is representative result by lab characterization and calculated as the standard deviation of 1000 readings relative to full
scale.
7. The Blue LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 465nm, spectral
halfwidth Δλ½ = 22nm.
8. The Red LED is an AlInGaP light-emitting diode with the following characteristics: dominant wavelength λD = 615nm, spectral
halfwidth Δλ½ = 15nm.
9. The Green LED is an InGaN light-emitting diode with the following characteristics: dominant wavelength λD = 525nm, spectral
halfwidth Δλ½ = 35nm.
Figure 9:
Proximity Optical Characteristics (VDD18 = 1.8V, VDD3 = 3.0V, TA = 25°C unless otherwise noted)
Note(s):
1. At factory final test, proximity detector is redirected to ALS modulator for response measurement.
Red/Clear channel ratios
White LED, 2700K
506480
%
Blue LED, λD = 465nm
(7)
07.2
20
Red LED, λD= 615nm
(8)
78
96
115
Green/Clear channel ratios
White LED, 2700K
203145
%
Green LED, λD = 525nm
(9)
59
76
94
Red LED, λD = 615nm
211
20
Blue/Clear channel ratios
White LED, 2700K
7
18
30
%
Blue LED, λD = 465nm
69
88
107
Red LED, λD = 615nm
05.5
13
Parameter
Conditions
Min
Typ
Max
Unit
Detector response, relative variation (1)
940nm peak IR LED emitter
75
100
125
%
Emitter drive current, relative variation
PLDRIVE0 =8mA
PLDRIVE1 =8mA
90
100
110
%
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com