Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 67 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 67 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 63Page - OSRAM GmbH TCS37209 Datasheet HTML 64Page - OSRAM GmbH TCS37209 Datasheet HTML 65Page - OSRAM GmbH TCS37209 Datasheet HTML 66Page - OSRAM GmbH TCS37209 Datasheet HTML 67Page - OSRAM GmbH TCS37209 Datasheet HTML 68Page - OSRAM GmbH TCS37209 Datasheet HTML 69Page - OSRAM GmbH TCS37209 Datasheet HTML 70Page - OSRAM GmbH TCS37209 Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Page 66
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
FIFO_CONTROL Register (Address 0xF1)
Figure 94:
FIFO_CONTROL Register
Addr: 0xF1
FIFO_CONTROL
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
FIFO_LVL_LSB
0
R
Contains the LSB of FIFO_LVL when DOUBLE_DATA_
MODE is used.
See FIFO_LVL for details.
5:3
FIFO_THR_LVL
000
RW
FIFO level threshold. When FIFO_LVL is greater than or
equal to FIFO_THR_LVL, FTINT flag is set, and an interrupt
is generated if FTIEN is enabled.
Value
FIFO Level Threshold
0
No intermediate levels to generate
interrupt. Full FIFO is available.
1
16 (32 when DOUBLE_DATA_MODE=1)
2
32 (64 when DOUBLE_DATA_MODE=1)
3
48 (96 when DOUBLE_DATA_MODE=1)
4
64 (128 when DOUBLE_DATA_MODE=1)
5
80 (160 when DOUBLE_DATA_MODE=1)
6
96 (192 when DOUBLE_DATA_MODE=1)
7
112 (224 when DOUBLE_DATA_MODE=1)
2FIFO_CLR
0
RW
When this bit is set, the FIFO is cleared, the read and write
pointers are reset to 0, any read from FIFO will return 0.
It has to be noted that FIFO_CLR doesn't clear FIFO_OVF
flag if it's set. It requires a dummy read to FIFO data
before or after FIFO_CLR command to clear FIFO_OVF
flag.
This bit needs to be set when ALS is disabled.
1
FIFO_EMPTY
1
R
Indicates that the FIFO is empty.
When FIFO is empty, data read from FIFO returns 0.
0
FIFO_OVF
0
R
Indicates that the FIFO is full.
When FIFO is full, no new data is written into the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com