Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 38Page - OSRAM GmbH TCS37209 Datasheet HTML 39Page - OSRAM GmbH TCS37209 Datasheet HTML 40Page - OSRAM GmbH TCS37209 Datasheet HTML 41Page - OSRAM GmbH TCS37209 Datasheet HTML 42Page - OSRAM GmbH TCS37209 Datasheet HTML 43Page - OSRAM GmbH TCS37209 Datasheet HTML 44Page - OSRAM GmbH TCS37209 Datasheet HTML 45Page - OSRAM GmbH TCS37209 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Datasheet, Public
Page 41
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
STATUS_2 Register (Address 0xA1)
Figure 55:
STATUS_2 Register
2ZINT
0
RW, SC
Zero detection interrupt flag indicates that a zero
value in PDATA has caused the proximity offset to be
decremented (if PROX_AUTO_OFFSET_ADJUST = 1).
1
PSAT_2STG
0
RW, SC
Proximity saturation interrupt is from second stage of
proximity engine.
0
AMBCOMP_LVL_SAT
0
RW, SC
Proximity saturation interrupt is from ambcomp_lvl
comparator.
Addr: 0xA1
STATUS_2
Bit
Bit Name
Default
Access
Bit Description
7
VSYNC_LOST
1
R, SC
This flag indicates that VSYNC is not present.
6
POWER_ON_
RESET
1R, SC
This flag indicates that power on cycle has happened.
0 - No power on reset happened from last read
1 - Power on reset happened from last read
This flag is clear-by-read by default.
5PWINT
0
RW, SC
This flag is set when PWTIME is completed if PWIEN =1.
This flag is set only in parallel/concurrent mode and only
when PWEN = 1.
4
Reserved
0
RW, SC
Reserved. Must be set to default value.
3
PSAT_1STG_AMB
0
RW, SC
This flag indicates proximity saturation is from first stage
of proximity engine due to ambient in subtraction
phase.
2
PSAT_1STG_
PULSE
0RW, SC
This flag indicates proximity saturation is from first stage
of proximity engine when VCSEL pulse is emitted.
1
VSYNC_LOST_INT
0
RW, SC
Interrupt when VSYNC watchdog timeout happens or
internal oscillator is stopped e.g PON=0. This interrupt
generated on event based.
0
VSYNC_CHG_INT
0
RW, SC
Interrupt when there is a change in VSYNC period.
Addr: 0xA0
STATUS
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com