Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 4Page - OSRAM GmbH TCS37209 Datasheet HTML 5Page - OSRAM GmbH TCS37209 Datasheet HTML 6Page - OSRAM GmbH TCS37209 Datasheet HTML 7Page - OSRAM GmbH TCS37209 Datasheet HTML 8Page - OSRAM GmbH TCS37209 Datasheet HTML 9Page - OSRAM GmbH TCS37209 Datasheet HTML 10Page - OSRAM GmbH TCS37209 Datasheet HTML 11Page - OSRAM GmbH TCS37209 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Datasheet, Public
Page 7
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Optical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (statistical
Quality Control) methods. Device parameters are guaranteed
with VDD18=1.8V, VDD3=3.0V and TA=25°C unless otherwise
noted.
Figure 8:
ALS/Color Characteristics (AGAIN = 1024x, Integration Time = 13.9ms, TA = 25°C unless otherwise
noted)
Parameter
Conditions
Min
Typ
Max
Unit
Dark ADC count value (1)
Ee =0μw/cm2
ALS gain: 1024x
Integration time: 50ms
003
counts
ALS gain ratios (2)
1x
1/142.23
1/129.4
1/116.36
2x
1/71.12
1/64.43
1/58.18
4x
1/35.56
1/32.26
1/29.09
8x
1/17.78
1/15.55
1/14.54
16x
1/8.89
1/8.07
1/7.27
32x
1/4.45
1/4.03
1/3.63
64x
1/2.23
1/2.02
1/1.90
256x
1.80
1.92
2.10
512x
3.50
3.82
4.20
1024x
6.00
7.57
10.00
2048x
9.60
14.61
22.40
4096x
12.80
26.78
51.20
Clear channel irradiance
responsivity (3)
White LED, 2700K (4)
ALS gain: 1024x
Integration time: 13.9ms
1460
1718
1976
counts/
(μW/cm2)
Red channel irradiance
responsivity
1104
Green channel irradiance
responsivity
534
Blue channel irradiance
responsivity
315
Lux accuracy (5)
Integration time: 100ms
90
100
110
%
ADC noise (6)
White LED, 2700K
ALS gain: 4096x
Integration time: 100ms
0.01
%
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com