Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 5 Page - OSRAM GmbH

  TCS37209 Datasheet HTML 1Page - OSRAM GmbH TCS37209 Datasheet HTML 2Page - OSRAM GmbH TCS37209 Datasheet HTML 3Page - OSRAM GmbH TCS37209 Datasheet HTML 4Page - OSRAM GmbH TCS37209 Datasheet HTML 5Page - OSRAM GmbH TCS37209 Datasheet HTML 6Page - OSRAM GmbH TCS37209 Datasheet HTML 7Page - OSRAM GmbH TCS37209 Datasheet HTML 8Page - OSRAM GmbH TCS37209 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Page 4
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Pin Assignments
Figure 3:
Pin Diagram
Figure 4:
Pin Description of TCS3720
Pin
Number
Pin
Name
Description
If Not Use
1
SDA
I²C serial data I/O terminal.
Mandatory
2
SCL
I²C serial clock input terminal.
Mandatory
3
VSS
Ground. All voltages are referenced to VSS.
Mandatory
4
VDD18
Supply voltage for sensor (1.8V).
Mandatory
5
LEDK0
Emitter driver 0. Connect to external emitter cathode.
Floating
6
LEDK1
Emitter driver 1. Connect to external emitter cathode.
Floating
7
LEDA
Connect to external emitter Anode.
Floating
8NC
Not Connected.
9
VDD3
Supply voltage for IR emitter (3.0/3.3V).
Connect to VDD18
10
INT
Interrupt. Open drain output (active low).
Connect to GND
11
XRES
Hardware reset or PWM input. Need to enable in the register.
Connect to GND
12
VSYNC
VSYNC input.
Connect to GND
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com