Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 26Page - OSRAM GmbH TCS37209 Datasheet HTML 27Page - OSRAM GmbH TCS37209 Datasheet HTML 28Page - OSRAM GmbH TCS37209 Datasheet HTML 29Page - OSRAM GmbH TCS37209 Datasheet HTML 30Page - OSRAM GmbH TCS37209 Datasheet HTML 31Page - OSRAM GmbH TCS37209 Datasheet HTML 32Page - OSRAM GmbH TCS37209 Datasheet HTML 33Page - OSRAM GmbH TCS37209 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
Datasheet, Public
Page 29
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
When DOUBLE_DATA_MODE is used, the data AILTH register
should be 0, only the data AILTL register is used. The data format
when residue bits are enabled is U7.1. When residue bits are
disabled, the data format should be U8.0.
AIHTL Register (Address 0x86)
Figure 32:
AIHTL Register
AIHTH Register (Address 0x87)
Figure 33:
AIHTH Register
The ALS clear channel is compared against high-going 16-bit
threshold value set by AIHTL and AIHTH. The contents of the
AIHTH and AIHTL registers are combined and treated as a
sixteen-bit threshold value. If the value generated by the ALS
clear channel is above the AIHTL/H threshold and the APERS
value is reached, the AINT bit is asserted. If AIEN is set, then the
INT pin will also assert.
When setting the 16-bit ALS threshold AIHTL must be written
first, immediately followed by AIHTH. Internally, the lower 8 bits
are buffered until the upper 8 bits are written. As the upper 8
bits are written both the high and low bytes are simultaneously
latched as a 16-bit value.
When residue bits are enabled by ENAB_RES_BITS, the data
format for AIHT should be U13.3 and when residue bits are not
required, it should be U16.0.
When DOUBLE_DATA_MODE is used, the data AIHTH register
should be 0, only the data AIHTL register is used. The data
format when residue bits are enabled is U7.1. When residue bits
are disabled, the data format should be U8.0.
Addr: 0x86
AIHTL
Bit
Bit Name
Default
Access
Bit Description
7:0
AIHTL
0x00
RW
This register sets the low byte of the HIGH ALS threshold.
Addr: 0x87
AIHTH
Bit
Bit Name
Default
Access
Bit Description
7:0
AIHTH
0x00
RW
This register sets the high byte of the HIGH ALS threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com