Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 30Page - OSRAM GmbH TCS37209 Datasheet HTML 31Page - OSRAM GmbH TCS37209 Datasheet HTML 32Page - OSRAM GmbH TCS37209 Datasheet HTML 33Page - OSRAM GmbH TCS37209 Datasheet HTML 34Page - OSRAM GmbH TCS37209 Datasheet HTML 35Page - OSRAM GmbH TCS37209 Datasheet HTML 36Page - OSRAM GmbH TCS37209 Datasheet HTML 37Page - OSRAM GmbH TCS37209 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Datasheet, Public
Page 33
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
The frequency of consecutive ALS clear channel results outside
of threshold limits are counted; this count value is compared
against the APERS value. If the counter is equal to the APERS
setting an interrupt is asserted. Any time an ALS clear channel
result is inside the threshold values the counter is cleared.
CFG0 Register (Address 0x8D)
Figure 39:
CFG0 Register
PCFG0 Register (Address 0x8E)
Figure 40:
PCFG0 Register
Addr: 0x8D
CFG0
Bit
Bit Name
Default
Access
Bit Description
7
ENAB_16_
BIT_OP
0RW
Enables output of PDATA to be a 16-bit value when
APC is on. See PDATA (0xF4 and 0xF5) for details.
6:4
Reserved
001
RW
Reserved. Must be set to default value.
3PWLONG
0
RW
When PWLONG (PROX Wait Long) is asserted the wait
period as set by PWTIME is increased by a factor of 12.
2AWLONG
0
RW
When AWLONG (ALS Wait Long) is asserted the wait
period as set by AWTIME is increased by a factor of 12.
1:0
Reserved
00
RW
Reserved. Must be set to default value.
Addr: 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description
7:5
PGAIN
010
RW
This field sets proximity first stage gain control.
Value
Stage 1 Gain
0 (000)
1x
1 (001)
2x
2 (010)
4x
3 (011)
8x
4 (100)
16x
4:2
Reserved
000
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com