Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37209 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TCS37209
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37209 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TCS37209 Datasheet HTML 8Page - OSRAM GmbH TCS37209 Datasheet HTML 9Page - OSRAM GmbH TCS37209 Datasheet HTML 10Page - OSRAM GmbH TCS37209 Datasheet HTML 11Page - OSRAM GmbH TCS37209 Datasheet HTML 12Page - OSRAM GmbH TCS37209 Datasheet HTML 13Page - OSRAM GmbH TCS37209 Datasheet HTML 14Page - OSRAM GmbH TCS37209 Datasheet HTML 15Page - OSRAM GmbH TCS37209 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
Datasheet, Public
Page 11
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Detailed Description
Power Up
Upon power-up, device initialization occurs. During
initialization, the device cannot accept I²C transactions and will
deterministically send NAK for any I²C requests. All
communication with the device must be delayed, and all
outputs from the device (i.e. interrupts) must be ignored until
initialization completes. After initialization, the device enters
the SLEEP state in which the internal oscillator and other
circuitry are not active, resulting in ultra-low power
consumption. If an I²C transaction occurs during the SLEEP
state, the I²C core wakes up temporarily to service the
communication. When the Power ON bit, PON, is enabled, the
device enters the IDLE state in which the internal oscillator and
attendant circuitry are active, but power consumption remains
low. After PON is set, there is a 100μs wait time required before
enabling PEN, AEN. This allows the device time to settle the
internal node voltages and currents before starting the
Proximity and ALS measurements. When a function is enabled
(PEN=1 and/or AEN =1), the device exits the IDLE state. When
both functions are disabled (PEN=0 & AEN=0), the device
returns to the IDLE state.
As depicted in Figure 13, the proximity and CRGB color sensing
functions can operate in parallel when both are enabled
(PEN = AEN = 1). Each function is individually configured (e.g.
gain, ADC integration time, wait time, persistence, thresholds,
etc.). When a proximity calibration is requested, it will take
precedence over the proximity measurement function. If Sleep
After Interrupt is enabled (SAI = 1 in register 0xAB, available
only in sequential mode), the state machine will enter SLEEP
when an interrupt occurs. Entering SLEEP will not change any
of the register settings (e.g. PON will still be high, but the normal
operational state is over-ridden by SLEEP state). SLEEP state is
terminated when the interrupt status register is cleared (the
status bit is in register 0xA0-0xA2).
Figure 13:
Simplified State Diagram
Detailed Description
SLEEP
IDLE
PON
ALS
CRGB
PROXIMITY
PARALLEL
FUNCTIONS
1
AEN
0
PEN
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com