Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 12Page - OSRAM GmbH TMD2672 Datasheet HTML 13Page - OSRAM GmbH TMD2672 Datasheet HTML 14Page - OSRAM GmbH TMD2672 Datasheet HTML 15Page - OSRAM GmbH TMD2672 Datasheet HTML 16Page - OSRAM GmbH TMD2672 Datasheet HTML 17Page - OSRAM GmbH TMD2672 Datasheet HTML 18Page - OSRAM GmbH TMD2672 Datasheet HTML 19Page - OSRAM GmbH TMD2672 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ams Datasheet
Page 15
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Figure 20:
Proximity LED Current Driver Waveform
Figure 19 illustrates light rays emitting from the internal IR LED,
reflecting off an object, and being absorbed by the CH0 and
CH1 photodiodes. The proximity diode selector (PDIODE)
determines which of the two photodiodes is used for a given
proximity measurement. Note that neither photodiode is
selected when the device first powers up, so PDIODE must be
set for proximity detection to work.
Referring again to Figure 20, the reflected IR LED and the
background energy is integrated during the LED On time, then
during the LED Off time, the integrated background energy is
subtracted from the LED On time energy, leaving the IR LED
energy to accumulate from pulse to pulse. During LED On time
integration, the proximity saturation bit in the Status
register (0x13) will be set if the integrator saturates. This
condition can occur if the proximity gain is set too high for the
lighting conditions, such as in the presence of bright sunlight.
Once asserted, PSAT will remain set until a special function
proximity interrupt clear command is received from the host
(see Command Register)
After the programmed number of proximity pulses have been
generated, the proximity ADC converts and scales the proximity
measurement to a 16-bit value, then stores the result in two
8-bit proximity data (PDATAx) registers. ADC scaling is
controlled by the proximity ADC conversion time (PTIME) which
is programmable from 1 to 256 2.73ms time units. However,
depending on the application, scaling the proximity data will
equally scale any accumulated noise. Therefore, in general, it is
recommended to leave PTIME at the default value of one 2.73ms
ADC conversion time (0xFF).
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
16.0
ms
7.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com