Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 19Page - OSRAM GmbH TMD2672 Datasheet HTML 20Page - OSRAM GmbH TMD2672 Datasheet HTML 21Page - OSRAM GmbH TMD2672 Datasheet HTML 22Page - OSRAM GmbH TMD2672 Datasheet HTML 23Page - OSRAM GmbH TMD2672 Datasheet HTML 24Page - OSRAM GmbH TMD2672 Datasheet HTML 25Page - OSRAM GmbH TMD2672 Datasheet HTML 26Page - OSRAM GmbH TMD2672 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Principles of Operation
Command Register
The Command Register specifies the address of the target
register for future write and read operations.
Figure 27:
Command Register
7
6
5
4
32
10
COMMAND
TYPE
ADD
Field
Bits
Description
COMMAND
7
Select Command Register. Must write as 1 when addressing Command Register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
Field Value
Description
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved - Do not use
11
Special function - See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive
register bytes.
ADD
4:0
Address Register/Special Function Register. Depending on the transaction type,
see above, this field either specifies a special function command or selects the
specific control-status-register for following write and read transactions:
Field Value
Description
00000
Normal - no action
00101
Proximity interrupt clear
Proximity Interrupt Clear clears any pending proximity interrupt. This special
function is self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com