Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 28Page - OSRAM GmbH TMD2672 Datasheet HTML 29Page - OSRAM GmbH TMD2672 Datasheet HTML 30Page - OSRAM GmbH TMD2672 Datasheet HTML 31Page - OSRAM GmbH TMD2672 Datasheet HTML 32Page - OSRAM GmbH TMD2672 Datasheet HTML 33Page - OSRAM GmbH TMD2672 Datasheet HTML 34Page - OSRAM GmbH TMD2672 Datasheet HTML 35Page - OSRAM GmbH TMD2672 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ams Datasheet
Page 31
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Application Information: Hardware
LED Driver Pin with Proximity Detection
In a proximity sensing system, the included IR LED can be pulsed
with more than 100mA of rapidly switching current, therefore,
a few design considerations must be kept in mind to get the
best performance. The key goal is to reduce the power supply
noise coupled back into the device during the LED pulses.
Averaging of multiple proximity samples is recommended to
reduce the proximity noise.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LEDA pin, the key goal can be met. Place a 1μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LEDA pin, and at least 10μF of bulk capacitance
to supply the 100mA current surge. This may be distributed as
two 4.7μF capacitors.
Figure 41:
Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22Ω resistor in
series with the VDD supply line and a 1μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Application Information:
Hardware
TMD2672
INT
SDA
SCL
VDD
LEDA
1
mF
Voltage
Regulator
Voltage
Regulator
. 10 mF
* Cap Value Per Regulator Manufacturer Recommendation
GND
VBUS
RP
RP
RPI
C*
1
mF
LDR
LEDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com