Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 31Page - OSRAM GmbH TMD2672 Datasheet HTML 32Page - OSRAM GmbH TMD2672 Datasheet HTML 33Page - OSRAM GmbH TMD2672 Datasheet HTML 34Page - OSRAM GmbH TMD2672 Datasheet HTML 35Page - OSRAM GmbH TMD2672 Datasheet HTML 36Page - OSRAM GmbH TMD2672 Datasheet HTML 37Page - OSRAM GmbH TMD2672 Datasheet HTML 38Page - OSRAM GmbH TMD2672 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Package Information
Figure 44:
Module Packaging Configuration
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.05mm unless otherwise noted.
2. Contacts are copper with NiPdAu plating.
3. This package contains no lead (Pb).
4. This drawing is subject to change without notice.
Package Information
0.60
0.25
BOTTOM VIEW
0.05
0.72
0.80
END VIEW
2.36
+ 0.2
2.10
+ 0.1
1.35
+ 0.
MODULE
Dual Flat No-Lead
j 1.0
3.73
+ 0.1
3.94
+ 0.2
Detector
LED
TOP VIEW
SIDE VIEW
j 0.9
1.18
0.58
2.40
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com