Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 16Page - OSRAM GmbH TMD2672 Datasheet HTML 17Page - OSRAM GmbH TMD2672 Datasheet HTML 18Page - OSRAM GmbH TMD2672 Datasheet HTML 19Page - OSRAM GmbH TMD2672 Datasheet HTML 20Page - OSRAM GmbH TMD2672 Datasheet HTML 21Page - OSRAM GmbH TMD2672 Datasheet HTML 22Page - OSRAM GmbH TMD2672 Datasheet HTML 23Page - OSRAM GmbH TMD2672 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ams Datasheet
Page 19
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Power Management
Power consumption can be managed with the Wait state
because the wait state consumes only 90μA of IDD current. An
example of the power management feature is shown in
Figure 23. With the assumptions provided in the example, the
average IDD is estimated to be 157μA.
Figure 23:
Power Management
Note(s) and/or Footnote(s):
1. Prox Accum - LED On time = 7.3μs per pulse × 4 pulses = 29.3μs = 0.029ms
2. Prox Accum - LED Off time = 8.7μs per pulse × 4 pulses = 34.7μs = 0.035ms
Average IDD Current = ((2.73 × 0.195) + (0.029 × 103) + (0.035 x 0.195) + (2 x 2.73 x0.195) + (49.2 × 0.090)) / 57.45≈ 157 μA
Keeping with the same programmed values as the example,
Figure 24 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
Figure 24:
Average IDD Current
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Init
2.73ms
0.195mA
Prox Accum
PPULSE
0x04
0.064ms
Prox Accum − LED On
0.029ms (1)
103mA
Prox Accum − LED Off
0.035ms (2)
0.195mA
Prox Wait
2.73ms
0.195mA
Prox ADC
PTIME
0xFF
2.73ms
0.195mA
Wait
WTIME
0xEE
49.2ms
0.090mA
WLONG
0
WEN
WTIME
WLONG
Wait State
Average IDD Current
0n/a
n/a
0ms
556μA
1
0xFF
0
2.73ms
440μA
1
0xEE
0
49.2ms
157μA
1
0x00
0
699ms
99μA
10x001
8389ms
90μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com