Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2672 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 22Page - OSRAM GmbH TMD2672 Datasheet HTML 23Page - OSRAM GmbH TMD2672 Datasheet HTML 24Page - OSRAM GmbH TMD2672 Datasheet HTML 25Page - OSRAM GmbH TMD2672 Datasheet HTML 26Page - OSRAM GmbH TMD2672 Datasheet HTML 27Page - OSRAM GmbH TMD2672 Datasheet HTML 28Page - OSRAM GmbH TMD2672 Datasheet HTML 29Page - OSRAM GmbH TMD2672 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ams Datasheet
Page 25
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Persistence Register (0x0C)
The Persistence Register controls the filtering interrupt
capabilities of the device. Configurable filtering is provided to
allow interrupts to be generated after each ADC integration
cycle or if the ADC integration has produced a result that is
outside of the values specified by threshold register for some
specified amount of time.
Figure 32:
Persistence Register
Configuration Register (0x0D)
The Configuration Register sets the wait long time.
Figure 33:
Enable Register
7
6
5
4
32
10
PPERS
Reserved
Field
Bits
Description
PPERS
7:4
Proximity Interrupt Persistence. Controls rate of proximity interrupt to the host
processor.
Field Value
Meaning
Interrupt Persistence Function
0000
----
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
....
....
....
1111
15
15 consecutive proximity values out of range
Reserved
3:0
Default setting is 0x00.
7
6
5
4
32
10
Reserved
WLONG
Reserved
Field
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12× from that
programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com