Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2755 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 2Page - OSRAM GmbH TMD2755 Datasheet HTML 3Page - OSRAM GmbH TMD2755 Datasheet HTML 4Page - OSRAM GmbH TMD2755 Datasheet HTML 5Page - OSRAM GmbH TMD2755 Datasheet HTML 6Page - OSRAM GmbH TMD2755 Datasheet HTML 7Page - OSRAM GmbH TMD2755 Datasheet HTML 8Page - OSRAM GmbH TMD2755 Datasheet HTML 9Page - OSRAM GmbH TMD2755 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Datasheet, Public
Page 5
[v3-00] 2023-Jan-02
Document Feedback
TMD2755 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. While the device is operational across the temperature range, performance will vary with temperature. Operational characteristics
are at 25°C, unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 1.8V, TA = 25°C (unless otherwise noted)
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR VCSEL emitter.
2. Active state occurs when PON =1 and the device is actively integrating either proximity or ALS. For proximity, this time is determined
by the number of pulses (PPLUSE) and the pulse length (PULSE_LEN). For ALS, this time is determined by the ALS integration time
(ATIME). Both proximity and ALS active states can occur at the same time.
3. Idle state occurs when PON=1 and the device is not in the active state.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
5. Digital pins: SDA, SCL, INT are tolerant to a communication voltage up to 3.4V
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage to Sensor
1.7
1.8
1.98
V
VDD3
Supply Voltage to IR Emitter
2.9
3.3
3.6
V
TA
Operating Ambient Temperature
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator Frequency
7.9
8.1
8.3
MHz
IDD
Supply Current (1)
Active Proximity State (PON=1) (2)
360
μA
Active ALS State (PON=1) (2)
80
Idle State (PON=1) (3)
35
Sleep State (PON = 0) (4)
0.6
VOL
INT, SDA Output Low Voltage
6mA Sink Current
0.6
V
ILEAK
Leakage Current, SDA, SCL, INT
-5
5
μA
VIH
SCL, SDA Input High Voltage (5)
1.26
V
VIL
SCL, SDA Input Low Voltage
0.54
V
tActive
Time from Power-On to Ready
to Receive I²C Commands
1.5
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com